Part Number Hot Search : 
PS9015GF 57M24 1003F 35V8X1 N74F598D 56MC56F FC105M50 MP1494
Product Description
Full Text Search
 

To Download TT2898 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  corporate headquarters: temco - tower electric motor company 4 1484 christy street inside usa: (877) 474-8209 international: fax: www.temcoindustrialpower.com temco control transformer - data sheet specications may vary slightly from the information provided. for certied drawings and information, please contact a temco representative. input voltage: output voltage: 480 220 industrial power supply t t2892 - t t2906 fremont, ca 94538 (510) 490-2187 (510) 490-1507 temco industrial control transformers are used to convert all standard international voltages. many models are dual frequency rated for 50 and 60 hz. temco?s transformers are built to last, guaranteed! that's why we back these with a decade long warranty. our industrial control transformers change supply voltages for the operation of components such as contactors, solenoids, relays, and timers. they accommodate momentary current inrush produced when electromagnetic components are energized without compromising secondary voltage stability. maximum safety is assured through the secondary control circuit which is isolated from the primary line circuit. voltage regulation of temco industrial control transformers exceeds standards recommended by the national electrical manufacturers association. secondary circuit voltage drop between no-load and momentary overload remains exceptionally low, maintaining excellent voltage regulation. temco has the capability to wind any custom control transformer with no penalty for small quantities. please call us with your requirements for a fast turnaround quote. - built to order fast in 1 week - 10 year warranty - guaranteed to last. - copper windings - standard on all units. - 130c insulation class. 80c temperature rise (25-1000 va models). - 155c insulation class. 100c temperature rise (1500-7500 va models). - easy wiring - solid terminals with combination screw connections. - clear terminals marking - identied with additive polarity markings. - versatile - models with multi-voltage primary and secondary increase applications possible. - silicon steel lamination - minimize core losses and increase eciency. - excellent regulation - designs incorporate precision wound coils layers and exceed nema requirements. - high eciency and heat dissipation - every coil is precision bobbin-wound . - versatile mounting - vertically or horizontally. - csa certied & ul listed - ce veried up to and including 5000 va. product features: http://
corporate headquarters: temco - tower electric motor company 4 1484 christy street inside usa: (877) 474-8209 international: fax: www.temcoindustrialpower.com temco control transformer - specications specications may vary slightly from the information provided. for certied drawings and information, please contact a temco representative. input voltage: output voltage: subtype: phase: frequency (hz): va: k rating: primary conguration: secondary conguration: reverse connectable: winding material: electrostatic shielded: temperature rise: insulation system: enclosure raing: construction style: mounting type: connection type: cooling: ul listed: csa approved: other agency approvals: sound level: warranty: 480 220 control single 60 25 to 7500 va (25, 50 , 100, 150, 200, 250, 350, 500, 750, 1000, 1500, 2000, 3000, 5000, 7500) 1 one winding one winding no copper no 80c (25 to 1000 va) 100c (1500 to 7500 va) 130c (25 to 1000 va) 155c (1500 to 7500 va) open open - core & coil base/panel screw terminals air/dry yes yes ce veried (up to and including 5000 va) less than 40 db 10 years industrial power supply t t2892 - t t2906 fremont, ca 94538 (510) 490-2187 (510) 490-1507
corporate headquarters: temco - tower electric motor company 4 1484 christy street inside usa: (877) 474-8209 international: fax: www.temcoindustrialpower.com temco control transformer - dimensions & weights specications may vary slightly from the information provided. for certied drawings and information, please contact a temco representative. input voltage: output voltage: 480 220 industrial power supply t t2892 - t t2906 fremont, ca 94538 (510) 490-2187 (510) 490-1507 not e: a ll dimensions ar e +/- 0.06 in. e x c ept f or dimension ? c, ? which is +/- 0.25 in. d i m en s i o n s ( i n i n c h es ) pa r t # v a a b c d e m o u n t n g ho l e s w e i g h t ( l b s . ) 2 5 3 2 . 5 2 . 7 7 1 . 9 8 2 . 5 0 . 2 1 x 0 . 6 2 5 1 . 2 5 5 0 3 2 . 5 3 2 . 2 5 2 . 5 0 . 2 1 x 0 . 6 2 5 2 . 2 5 1 0 0 3 2 . 5 3 . 2 7 2 . 5 2 . 5 0 . 2 1 x 0 . 6 2 5 2 . 7 5 1 5 0 3 . 7 5 3 . 1 3 4 . 0 2 3 3 . 1 3 0 . 2 1 x 0 . 6 2 5 5 . 7 5 2 0 0 3 . 7 5 3 . 1 3 4 . 5 9 3 . 2 5 3 . 1 3 0 . 2 1 x 0 . 6 2 5 6 2 5 0 4 . 5 3 . 7 5 4 . 1 5 2 . 7 5 3 . 7 5 0 . 2 1 x 0 . 6 2 5 7 . 5 3 5 0 4 . 5 3 . 7 5 5 . 2 3 . 7 5 3 . 7 5 0 . 2 1 x 0 . 6 2 5 1 1 5 0 0 5 . 2 5 4 . 3 8 4 . 9 5 3 . 1 2 4 . 3 8 0 . 2 8 x 0 . 5 6 1 2 . 5 7 5 0 5 . 2 5 4 . 3 8 6 4 . 1 2 4 . 3 8 0 . 2 8 x 0 . 5 6 1 9 1 0 0 0 5 . 2 5 4 . 3 8 6 . 7 5 . 1 2 4 . 3 8 0 . 2 8 x 0 . 5 6 2 5 1 5 0 0 7 . 5 6 . 2 5 6 . 7 5 3 . 5 6 . 7 5 0 . 3 1 x 0 . 6 8 8 3 6 2 0 0 0 7 . 5 6 . 2 5 7 . 7 5 4 . 5 6 . 7 5 0 . 3 1 x 0 . 6 8 8 3 9 3 0 0 0 7 . 5 6 . 2 5 9 . 7 5 6 . 5 6 . 7 5 0 . 3 1 x 0 . 6 8 8 5 9 5 0 0 0 9 8 9 . 7 5 6 . 5 8 0 . 3 1 x 0 . 6 8 8 9 1 7 5 0 0 9 8 1 1 . 7 5 8 . 5 8 0 . 3 1 x 0 . 6 8 8 1 1 5 c d b a e tt2892 t t2893 t t2894 t t2895 t t2896 t t2897 t t2898 t t2899 t t2900 t t2901 t t2902 t t2903 t t2904 t t2905 t t2906
corporate headquarters: temco - tower electric motor company 4 1484 christy street inside usa: (877) 474-8209 international: fax: www.temcoindustrialpower.com temco control transformer - wiring diagram specications may vary slightly from the information provided. for certied drawings and information, please contact a temco representative. input voltage: output voltage: 480 220 industrial power supply t t2892 - t t2906 fremont, ca 94538 (510) 490-2187 (510) 490-1507 h2 h1 x1 x2 prim ar y sec ond ar y


▲Up To Search▲   

 
Price & Availability of TT2898

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X